? 2010 teledyne relays (800) 284-7007 ? www.teledynerelays.com c60 1 optically isolated 0.5 to 2.5a bi-directional solid-state relay series c60 part number relay description c60-x0 solid-state relay, terminals for through hole mount sc60-x0 solid-state relay, terminals for surface mount electrical specifications (25 c unless otherwise specified) input (control) specifications (see note 1) parameter min max units input voltage drop (see figure 1) 1.1 1.5 vdc input current (see figure 1 and notes 1, 7) 50 ma input current (guaranteed on), (see figure 4 and note 7) 10 ma input current (guaranteed off) 100 a reverse voltage protection -6 vdc output (load) specifications (see figure 2 and note 2) part number dc bi-directional parameter min max min max units output voltage rating c60-10 60 60 vdc c60-20 100 100 vdc c60-30 200 200 vdc C60-40 400 400 vdc output current rating c60-10 2.5 1.25 adc c60-20 1.5 0.75 adc c60-30 1.0 0.50 adc C60-40 0.5 0.25 adc on resistance c60-10 0.07 0.28 ohm (see note 6) c60-20 0.2 0.7 ohm c60-30 0.45 1.8 ohm C60-40 1.0 4.0 ohm leakage current at rated voltage 2.0 1.0 adc t urn-on time @ 10ma c60-10 4.0 4.0 ms (see figure 4 and note 7) c60-20,-30,-40 3.0 3.0 ms t urn-off time c60-10 4.0 4.0 ms c60-20,-30,-40 3.0 3.0 ms output capacitance c60-10 1000 500 pf c60-20 500 250 pf c60-30 400 200 pf C60-40 400 200 pf isolation (input to output) 10 9 10 9 ohms dielectric strength 1500 1500 vrms capacitance (input to output) 3.0 3.0 pf junction temperature (t j ) 125 125 c junction to case thermal resistance 25 c case to ambient thermal resistance 75 c/w block diagram features/benefits ? power fet output with very low on resistance: virtually no offset with very low leakage and voltage drop. ?o ptical isolation: isolates control elements from load transients. eliminates ground loops and signal ground noise. ? three terminal output: output fets can be paralleled externally to change current load rating. ? floating output: allows for high and low side switching. ? switches high voltages and currents: voltages to 400 vdc. current to 2.5 adc. bi-directional, dc or ac. ?h igh noise immunity: control circuit cannot be triggered by output switching noise. ? 6-pin mini-dip package: standard or surface mount available. description the series c60 solid-state relay is an advanced design capable of switching very heavy loads in a physically small 6-pin mini dip package. these relays have a power fet output that ensures low on resistance, no offset voltage and low leakage current. they are versatile and can be used to switch ac, bi-directional or dc loads. optical isolation ensures complete protection of signal lines, power and ground bus and control circuits from switching noise and emi. add suffix 01 to denote 60sn/40pb pre-tinned leads 2dsc60-x0 rev --
c60 2 specifications are subject to change without notice ? 20 10 teledyne relays series c60 characteristic curves wiring configurations mechanical specification notes: 1. series resistor is required to limit input current to 50 ma maximum. 2. the input current is 10 ma for all tests unless otherwise specified. 3. the surge current is non-repetitive for a maximum duration of 20 ms (see figure 3). 4. loads may be connected to positive or negative referenced power supplies. inductive loads must be diode suppressed. 5. continuous load current is rated under the conditions of still air and mounted on a printed circuit board. 6. to calculate on resistance for a given junction temperature calculate the new r on using the equation shown below: r on =r (25 c) x e 0.006(t j -25 c) 7. turn on time can be controlled with input control current. calculate a new turn-on time: t on =(t specification limit )(10ma/i in ) 8. load voltage rating should be derated 10% at -40 c ? operating temperature range: -40 c to 85 c ? storage temperature range: -40 c to 100 c ? weight: 1 gm. maximum ? case: 6 pin dual in line, filled epoxy 2dsc60-x0 rev --
|